Part Number Hot Search : 
AP1501 TA3S15E NTE7067 NTE7067 254851 ER107 TC322 TES75
Product Description
Full Text Search
 

To Download NSC5007B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  crystal clock oscillator 1510b_nz2520sh_e absolute maximum rating supply voltage (v cc ) C0.3 to +4.0 v storage temperature range C55 to +125 c nz2520sh standard type for automotive navigation system, automotive audio equipment and camera for smartphone, tablet computers, notebook pc, pc card, etc. for audioequipment and wireless module for communication equipment for sdh/sonet, wimax, lte, etc. and base station application specifcations supports a wide temperature range from C40 to +125c. compact and light. dimensions : 2.5 x 2.0 x 0.9 mm, weight : 0.02 g. this crystal clock oscillator can support low frequencies (from 1.5mhz) not easily achieved with crystal units of the same size. taped units enable automatic mounting ir refow (lead free) is possible. lead-free. conforms to aec-q200. features item model nz2520sh output level cmos nominal frequency range (mhz) 1.5 to 80 overall frequency tolerance ( 10 C6 ) 100 50 30 20 operating temperature range (c) C40 to +125 C40 to +105 C10 to +70 C10 to +60 supply voltage (v) +1.8 to +3.3 current consumption max. during operation +25 c (ma) 2.5 to 9.0 during standby +25 c (a) 20 v ol max. / v oh min. (v) 0.1 v cc / 0.9 v cc tr max. / tf max. +1.8 v (ns) 6 / 6 ( at 0.1 v cc to 0.9 v cc ) +2.5 to +3.3v 5 / 5 ( at 0.1 v cc to 0.9 v cc ) symmetry min. to max. (%) 45 to 55 load (c l ) max. (pf) 15 start-up time max. (ms) 4 standby function available (three-state) mm 2.500.10 0.3 0.9 max 2.000.10 1.650.1 0.80.1 0.70.1 1.250.1 #1 #2 #3 #4 0.6 mount an approx. 0.01 f bypass capacitor between v cc and gnd (close to the product) termi nal land connection s #1 #2 #3 #4 stand-by gnd output v cc land pattern (typical) cby=0.01f 1.65 1.0 1.25 1.0 #4 #3 #2 #1 dimensions 0.9v cc 1/2v cc 0.1v cc tr tf v oh v ol t t 0v symmetry = t/t 10 0 [%] output waveform #1 input #3 output level h (0.7 v cc v ih v cc ) or open is selected. oscillation output on level l (v il 0.3 v cc ) is selected. high impedance standby function
crystal clock oscillator nz2520sh standard type 1510b_nz2520sh_e overall frequency tolerance operating temperature range ( c ) supply voltage (v) +1.80.18 +2.50.25 +3.00.3 +3.30.33 100 10 -6 C40 to +125 nsa3579a nsa3579b nsa3579c nsa3579d 50 10 -6 C40 to +105 nsc5004a nsc5004b nsc5004c nsc5004d 30 10 -6 C10 to +70 nsc5007a NSC5007B nsc5007c nsc5007d 20 10 -6 C10 to +60 nsc5008a nsc5008b nsc5008c nsc5008d please specify the model name, frequency, and specifcation number when you order products. for further questions regarding specifcations, please feel free to contact us.


▲Up To Search▲   

 
Price & Availability of NSC5007B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X